PART |
Description |
Maker |
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
LX7001IPK LX7001CPK |
Low Voltage, 1.2 MHz, Micropower, DC-DC Step-Up Converter, Powersave Operation (light loads), shutdown battery feedthrough - TSOT23-6 185mA, 5V, DC-DC Step up Converter, SOT23 6-pin 电压检测器
|
Microsemi, Corp.
|
LT1944-1 LT1944 LT1944EMS LT1944-15 |
Dual 180mA Micropower Step-Up DC/DC Converter Dual Micropower Step-Up DC/DC Converter
|
Linear Technology
|
T6309A T6309A-AX T6309A-BX |
Micropower Step-up DC/DC Converter
|
Taiwan Memory Technology
|
AS1322A-BTTT AS1322A AS1322 AS1322B AS1322B-BTTT A |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
AMSCO[austriamicrosystems AG]
|
LT8610AB |
42V, 3.5A Micropower Synchronous Step-Down Regulator
|
Linear Technology
|
LT1934 |
Micropower Step-Down Switching Regulators in ThinSOT
|
Linear Technology Corporation
|
AS1329 AS1329A |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
austriamicrosystems AG
|
AT1303 AT1303M AT1303MGRE AT1303MPBF AT1303PGRE AT |
MICROPOWER STEP UP DC/DC CONVERTER 微功率降压型DC / DC转换
|
Aimtron Technology Corp. ETC AIMTRON[Aimtron Technology] Electronic Theatre Controls, Inc.
|
AS13291 AS1329C-BTTT AS1329B-BTTT |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
http:// austriamicrosystems AG
|
AAT1217ICA-1.2-T1 AAT1217ICA-3.3-T1 AAT1217ICA-5.0 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
Skyworks Solutions Inc.
|
AAT1217ICA-5.0-T1 AAT1217 AAT1217ICA-1.2-T1 AAT121 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|